PART |
Description |
Maker |
STW9NC70Z 7704 |
N-CHANNEL 700V 0.90 OHM 7.5A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V 0.90 OHM 7.5A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 700V - 0.90 ohm - 7.5A TO-247 Zener-Protected PowerMESH?III MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STF6NK70Z |
N-CHANNEL 700V - 1.5 Ohm - 5A - TO-220/TO-220FP ZENER-PROTECTED SUPERMESH MOSFET
|
ST Microelectronics
|
STB7NC70Z STB7NC70Z-1 STP7NC70ZFP STP7NC70Z STB7NC |
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道高达700V - 1.1ohm - 6ATO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL MOSFET N-CHANNEL 700V - 1.1 OHM - 6A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB8NC70Z STB8NC70ZT4 STP8NC70Z STP8NC70ZFP STB8NC |
N-CHANNEL 700V 0.90 OHM 6.8A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
STP3NC70ZFP STP3NC70Z |
N-CHANNEL 700V 4.1 OHM 2.5A TO-220/TO-220FP ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 700V - 4.1ohm - 2.5A TO-220/TO-220FP Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700 V - 0.75 OHM - 8.6 A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
IRFR320 IRFU320 FN2412 IRFR3209A |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA From old datasheet system 3.1A 400V 1.800 Ohm N-Channel Power MOSFETs 3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs 0.4A, 400V, 3.607 Ohm,N-Channel PowerMOSFET(15A, 50V, 0.150 惟,N娌??澧?己?????OS?烘?搴??)
|
INTERSIL[Intersil Corporation] HARRIS SEMICONDUCTOR
|
MSD4N70 |
700V N-Channel MOSFET
|
Bruckewell Technology LTD
|
SSF5NS70G-15 |
700V N-Channel MOSFET
|
GOOD-ARK Electronics
|
FQA6N70 |
700V N-Channel MOSFET
|
Fairchild Semiconductor
|
|