PART |
Description |
Maker |
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
STD2NC60 STD2NC60-1 STD2NC60T4 |
N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|
FCA16N60N |
N-Channel SupreMOSMOSFET 600V, 16A, 199m
|
Fairchild Semiconductor
|
DG2517 DG2518 DG2518DQ-T1-E3 DG2517DN-T1-E4 DG2518 |
3ohm, High Bandwidth, Dual SPDT Analog Switch 3ohm,高带宽,双路SPDT模拟开
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
STP5NC50 STP5NC50FP STB5NC50 STB5NC50-1 |
N-CHANNEL 500V - 1.3 OHM - 5.5A - TO-220/TO-220FP/D2PAK/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
H16C60 H16C30 H16C40 H16C50 |
HIGH EFFICIENCY RECTIFIERS(16A,300-600V) 高效率整流二极管6A300 - 600V的) HIGH EFFICIENCY RECTIFIERS(16A/300-600V)
|
MOSPEC[Mospec Semiconductor]
|
16FR120 16FR100 16F60 16F100 16F8 A16FR60M A16F10 |
1200V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 100V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 16A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 16A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARD RECOVERY DIODES
|
IRF[International Rectifier]
|
HTX16-600 |
600V 16A TRIAC
|
SemiHow Co.,Ltd.
|
F16C60 F16C40 F16C30 F16C50 |
POWER RECTIFIERS(16A/300-600V) POWER RECTIFIERS(16A,300-600V)
|
MOSPEC[Mospec Semiconductor]
|
IRFPC60 |
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
|
IRF[International Rectifier]
|
IRFPC60LC |
Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
|
International Rectifier
|
RJK60S4DPE-00-J3 |
600V - 16A - SJ MOS FET High Speed Power Switching
|
Renesas Electronics Corporation
|