PART |
Description |
Maker |
STK6875 2309 |
SPECIALTY ANALOG CIRCUIT, PSFM16 From old datasheet system Thick FiLm Hybird IC Thick Film Hybrid IC Bidirectional DC Brush-type Motor Driver (Io max = 5A)
|
Sanyo Semicon Device
|
LB1843V EN4385B LB1843V12 |
BRUSH DC MOTOR CONTROLLER, 0.8 A, PDSO20 Monolithic Digital IC Low-saturation, current-controlled bidirectional motor driver
|
Sanyo Semicon Device
|
STK6877 |
Reversible Brush-Type DC Motor Driver (output current: 8A)
|
SANYO[Sanyo Semicon Device]
|
BD6237 BD623009 BD6231 BD6231HFP-TRHFP BD6230F-E2F |
H-bridge drivers (36V max.) BRUSH DC MOTOR CONTROLLER, 1 A, PSSO7 BRUSH DC MOTOR CONTROLLER, 0.5 A, PDSO8
|
Rohm
|
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
AH266 AH266-P-A AH266-P-B AH266-PA-A AH266-PA-B AH |
V(cc): 28V; Vout(off): 28V; I(peak): 700mA; 550mW; low power hall effect latch. For speed measurement, dual-coil brush-less DC motor, dual-coil brush-less DC fan, revolution counting High Voltage Hall Effect Latch
|
ANACHIP[Anachip Corp]
|
GL450 GL451 GL452 GL454 GL453 |
BIDIRECTIONAL EMISSION TYPE INFRARED LIGHT EMITTING DIODE
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
1.5KE160A 1.5KE75 1.5KE180 1.5KE33A 1.5KE8.2 1.5KE |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG http:// DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
TB6612FNG |
Brush motor driver IC
|
TOSHIBA
|
UPC1246G |
3-Phase Brush-Less Motor Driver
|
ETC
|
MPC17510EJR2 |
BRUSH DC MOTOR CONTROLLER, 3.8 A, PDSO24
|
MOTOROLA INC
|
BD6212HFP |
H-bridge driver for DC brush motor
|
Rohm
|