PART |
Description |
Maker |
S3C80E5 S3C80E7 |
SH2 Series, 7149 Group, Three ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 15 mA IO FP-100A; Vcc= 4.0 to 5.5 SH2 Series, 7149 Group, Three ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 15 mA IO FP-100U; Vcc= 4.0 to 5.5
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
CA3242E CA3242 |
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load SH2 Series, 7144 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-112B; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PRQP0112JB-A 四门控逆变电源的驱动器的接口低级别逻辑高电流负
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
2SC5700 |
RF SMALL SIGNAL TRANSISTOR SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= 0 to 50 C; Package: PTQP0100KA-A Silicon NPN Epitaxial VHF/UHF wide band amplifier Silicon NPN Transistor
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
FM336 FM336PLUS-D90 |
V.34/Group 3 High Performance Fax Modem Family V.34/Group 3高性能传真调制解调器家
|
Conexant Systems, Inc.
|
PIC16C54B-04I/SS PIC16C54B-04/P PIC16C54B-04/SO PI |
ROM-Based 8-Bit CMOS Microcontroller Series 基于ROM位CMOS微控制器系列 SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -40 to 85 C; Package: PLBG0176GA-A SH-Ether Series, 7618A Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 16KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A SH-Ether Series, 7618 Group, Ether-DMAC, Host I/F, UBC, 2-ch 16-bit CMT, SDRAM, PCMCIA, Ethernet Ctrl, 4KB unified 4 way set associative cache BP-176V; Vcc= 1.4 to 1.6 volts, Temp= -20 to 75 C; Package: PLBG0176GA-A 3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
FI-RE21CL-SH2-3000 FI-RE31CL-SH2-3000 FI-RE41CL-SH |
FI-RE**CL-SH2-3000 SHELL
|
Japan Aviation Electronics Industry, Ltd.
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
PA61M |
TABLE 4 GROUP A INSPECTION
|
Cirrus Logic
|
PA12M PA12M/883 |
Table 4 Group A Inspection
|
Cirrus Logic
|
PA51M 883 |
TABLE 4 GROUP A INSPECTION
|
APEX[Apex Microtechnology]
|
PA73M |
TABLE 4 GROUP A INSPECTION
|
Cirrus Logic
|
|