PART |
Description |
Maker |
RTL8305S |
5-PORT 10/100 MBPS SINGLE CHIP SWITCH CONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LU3X31T-T64 |
LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX Single-Port 3 V 10/100 Ethernet Transceiver TX/FX(单端3 V 10M位和100M位以太网收发
|
Agere Systems Lineage Power
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
RTL8201CL RTL8201CL-VD RTL8201CL-VD-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
|
Realtek
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
ACD82224 |
Single chip implementation of 24-port 10/100 ethernet switch system intended for IEEE 802.3 and 802.3u compatible networks.
|
Advanced Communication Devices
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
PM3351 PM3351-RC PM3351-SW |
Single-Port 10/100 Mbit/s Ethernet Switch SINGLE PORT FAST ETHERNET SWITCH
|
PMC[PMC-Sierra, Inc] PMC-Serria
|
PM3351-SW PM3351-RC |
SINGLE PORT FAST ETHERNET SWITCH Single-Port 10/100 Mbit/s Ethernet Switch
|
PMC-Sierra Inc
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
AHSF-1602S |
10/100 Base T Single Port Transformer
|
Allied Components International
|
AHTA-1608S |
10/100 Base T Single Port Transformer
|
Allied Components International
|