PART |
Description |
Maker |
ISL6569ACR-T ISL6569ACB ISL6569ACB-T ISL6569A |
PWM Controller, 2-Phase, 5-Bit DAC, Reg .5%, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6322GCRZ ISL6322GIRZ ISL6322GCRZ-T |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface and Phase Dropping Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC48
|
Intersil Corporation Intersil, Corp.
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ADP31800001RUR ADP3180JRU-REEL7 ADP3180JRU-REEL |
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO28 Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 12.5x25 mm; Packaging: Bulk 6-Bit Programmable 2-/ 3-/ 4-Phase Synchronous Buck Controller
|
Analog Devices, Inc.
|
A3933 A3933SEQ 3933 |
THREE-PHASE POWER MOSFET CONTROLLER Three Phase Power MOSFET Controller DIODE SWITCHING SINGLE 75V 200mA-Io 350mW 4ns-trr SOT-23 3K/REEL
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
NCP6121S52MNR2G |
Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
ISL6334D09 |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
|
Intersil Corporation
|
LTC3737 LTC3737EGNPBF |
Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 825 kHz SWITCHING FREQ-MAX, PDSO24 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
|
Linear Technology, Corp.
|
ADP3204 ADP3204JCP ADP3204JCP-REEL ADP3204JCP-REEL |
3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs Multi-phase IMVP-III Compliant Core Controller For Mobile Intel CPUs 3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs SWITCHING CONTROLLER, QCC32
|
AD[Analog Devices] Analog Devices, Inc.
|
ADP3203 ADP3203JRU-0.85-R7 ADP3203JRUZ-1.0-R7 |
SWITCHING CONTROLLER, PDSO28 1 Or 2 Phase IMVP-III Compatible Core Controller For Latest Intel Mobile Processors
|
ANALOG DEVICES INC
|