PART |
Description |
Maker |
Q62901-B13-C Q62901-B16-A Q62704-Y12 Q62704-Y12-B |
NPN Silicon Planar Trnasistors NPN硅平Trnasistors NPN Silicon Planar Trnasistors NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-CATHODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY DUAL COMMON-ANODE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors DIODE SCHOTTKY SINGLE 50V 200mW 0.41V-vf 70mA-IFM 1mA-IF 0.1uA-IR SOT-323 3K/REEL NPN硅平面Trnasistors OSC PROG BLANK 3.3V LVDS SMD
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] http://
|
2SC4555 0139 |
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4403 |
NPN Epitaxial Planar Silicon Transistor VHF/UHF Local Oscillator Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4269 |
NPN Epitaxial Planar Silicon Transistor VHF Converter, Local Oscillator Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4270 |
NPN Epitaxial Planar Silicon Transistor UHF Converter, Local Oscillator Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4272 |
NPN Epitaxial Planar Silicon Transistor 27MHz CB Transceiver Driver Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC5291 |
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|
2SD2017 |
Silicon NPN Triple Diffused Planar Transistor(Darlington)(硅NPN三倍扩散平面达林顿晶体 6 A, 250 V, NPN, Si, POWER TRANSISTOR Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD2116 |
NPN Epitaxial Planar Silicon Transistor General Driver Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD2120 |
NPN Epitaxial Planar Silicon Transistor General Driver Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|