PART |
Description |
Maker |
MC33999EK_R2 MC33999 MCZ33999EK_R2 |
16-Output Switch with SPI and PWM Control
|
FREESCALE[Freescale Semiconductor, Inc]
|
33882 |
Six-Output Low-Side Switch with SPI and Parallel Input Control
|
飞思卡尔半导体(中国)有限公司
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
IRFN140SMD |
ER CET 0 22 A, 100 V, 0.125 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power MOSFET(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)3.9A,的Rds(on):0.077Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本100V的,身份证(续)3.9A时,RDS(对):0.077Ω))
|
TT electronics Semelab, Ltd. International Rectifier, Corp. Seme LAB
|
BA3131FS BA3131 |
Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2) ER 14C 14#16 PIN PLUG Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2) Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer
|
Rohm CO.,LTD. ROHM[Rohm]
|
DAN217 DAN217U |
Switch Mode Power Supply; Output Power:76.8W; No. of Outputs:1; Output 1 VDC :24VDC; Output Current 1:3.2A; Power Supply Mounting:Chassis; Output Current:3.2A; Output Power Max:76.8W; Output Voltage:24VDC; Series:JWS RoHS Compliant: Yes 开关二极管 Switching diode
|
Rohm Co., Ltd.
|
DTA115 DTA115EE DAT115EKA DAT115ESA DAT115EUA DTA1 |
Digital transistors (built-in resistors) 数字晶体管(内置电阻 Switch Mode Power Supply; Output Power:5W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:1A; Power Supply Mounting:PC Board; Leaded Process Compatible:No; Output Current:1A; Output Power Max:5W; Output Voltage:5VDC RoHS Compliant: Yes From old datasheet system
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
ADXRS800 |
High Performance, SPI Digital Output, Angular Rate Sensor
|
Analog Devices
|
ADXRS800 ADXRS800WBRGZ ADXRS800WBEYZ |
High Performance, SPI Digital Output Angular Rate Sensor High Performance, SPI Digital Output, Angular Rate Sensor
|
Analog Devices
|
MCP3909T-I_SS MCP3909-I_SS MCP390909 |
Energy Metering IC with SPI Interface and Active Power Pulse Output
|
Microchip Technology
|
AT25010A AT25040A AT25020A |
1/2/4k, SPI Bus Serial EEPROM, High Speed, supports SPI Mode 0 and 3.
|
Atmel
|