PART |
Description |
Maker |
QL8050 QL8150 QL8250 QL8025 QL8325 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
|
ETC[ETC]
|
QL7160 |
Combining Performance, Density and Embedded RAM
|
quicklogic
|
QL4090-0CF100M QL4090-0CF100M_883 QL4090-0CF208M Q |
90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 16,128 RAM bits. 90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 90,000 usable PLD gate QuickRAM combining performance, density and embedded RAM. 25,344 RAM bits.
|
ETC[ETC] QuickLogic
|
QL6600 QL6600_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL4058 QL4058-3PQ208M QL4058-0PB456M QL4058-0PQ208 |
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
|
Electronic Theatre Controls, Inc.
|
QL4009-4PL68M QL4009 QL4009-0PF100C QL4009-0PF100I |
2.2 UF CERAMIC CAPACITOR 9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内 CAP, 4.7UF /- 20% 25V 9000可用可编程逻辑门QuickRAM ESP结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
BAP815 |
Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 45ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 54-TSOP-II; Features: Real-Time Clock BAP815 - Dioda uniwersalna Non-Volatile Static RAM (nvSRAM); Organization: 256x16; Density: 4MB; Speed: 45ns; Supply Voltage: 5V; Temperature Range: -40° to 85°C
|
Ultra CEMI Electronic Theatre Controls, Inc.
|
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|