PART |
Description |
Maker |
RURG1540CC RURG1560 RURG1560CC |
15A/ 400V - 600V Ultrafast Dual Diodes 15A 400V - 600V Ultrafast Dual Diodes 15A, 400V - 600V ULTRAFAST DUAL DIODES
|
FAIRCHILD[Fairchild Semiconductor]
|
RHRP1560 RHRP1540 FN3685 |
15A/ 400V - 600V Hyperfast Diodes 15A, 400V - 600V Hyperfast Diodes From old datasheet system
|
Intersil Corporation
|
RURP860CC RURP840CC |
8A, 400V - 600V Ultrafast Dual Diodes
|
INTERSIL[Intersil Corporation]
|
RURG3060CC RURG3040 RURG3040CC |
30A, 400V - 600V Ultrafast Dual Diodes
|
FAIRCHILD[Fairchild Semiconductor]
|
RURD860S RURD840 RURD840S RURD860 |
8A, 400V - 600V Ultrafast Diodes 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-251
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RURD660S9A RURD660 RURD660S RURD660S9ANL |
6A/ 600V Ultrafast Diodes 6A, 600V UltraFast Diode 6 A, 600 V, SILICON, RECTIFIER DIODE, TO-252 6A, 600V Ultrafast Diodes
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC15UD-L IRG4BC15UD-S |
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 2.02V,@和VGE \u003d 15V的,集成电路\u003d 7.8A 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC10UD IRG4BC10UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
RURG15100C RURG15100CC FN2933 |
15A/ 1000V Ultrafast Dual Diode 15A 1000V Ultrafast Dual Diode 15A, 1000V Ultrafast Dual Diode From old datasheet system
|
INTERSIL[Intersil Corporation]
|
RURG8060 RURG8060NL |
80A, 600V Ultrafast Diode 80 A, 600 V, SILICON, RECTIFIER DIODE, TO-247 80A/ 600V Ultrafast Diode 80A 600V Ultrafast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF350-353 IRF351 IRF352 IRF353 IRF350 |
N-Channel Power MOSFETs, 15A, 350V/400V N沟道功率MOSFET5A条,350V/400V N-Channel Power MOSFETs/ 15A/ 350V/400V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|