PART |
Description |
Maker |
MT3170B MT3270B MT3171B MT3271B |
Wide Dynamic Range (50dB) DTMF Receiver with early DTMF tone detection and power down mode (4.19MHz Xtal) Wide Dynamic Range (50dB) DTMF Receiver with early DTMF tone detection (4.19MHz Xtal) Wide Dynamic Range (50dB) DTMF Receiver with Delayed DTMF tone detection and power down mode (4.19MHz Xtal) Wide Dynamic Range (50dB) DTMF Receiver with delayed DTMF tone detection (4.19MHz Xtal)
|
Zarlink Semiconductor
|
ZL4901007 ZL49010DAA ZL49011 |
Wide Dynamic Range DTMF Receiver
|
Zarlink Semiconductor Inc Zarlink Semiconductor I...
|
MT3171B MT3170B |
(MT3x7xB) Wide Dynamic Range DTMF Receiver
|
Zarlink Semiconductor
|
ADL5201ACPZ-R7 ADL5201-EVALZ |
Wide Dynamic Range, High Speed
|
Analog Devices
|
VK-S454E |
(VK-Sxxx) Wide Dynamic Range High Sensitivity Color Zoom Camera
|
ETC
|
SI300-FS SI3000-KS SI3000-KSR SI3008-B-FS SI3000-C |
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4?2 kHz Sample Rates 30 dB Microphone Pre-Amp
|
Silicon Laboratories Inc.
|
RTP18080-20 |
This HPA Module is a high gain, wide dynamic range amplifier module.
|
RFHIC
|
LT5537 LT5537EDDB LT5537EDDBTRPBF |
Wide Dynamic Range RF/IF Log Detector; Package: DD PAK; No of Pins: 8; Temperature Range: -40°C to 125°C 10 MHz - 1000 MHz RF/MICROWAVE LINEAR DETECTOR, 22 dBm INPUT POWER-MAX
|
Linear Technology, Corp.
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
CDQ6004-QS-0G00 CDQ6004-QS-0G0T |
0.05-4.0 GHz Dual High Dynamic Range Amplifier 50 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc.
|