PART |
Description |
Maker |
GAL20XV10B-20LP GAL20XV10B-20LJ GAL20XV10B-10LJ GA |
High-Speed E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PDIP24 Fuses, 3A 125V F MICRO BULK EE PLD, 20 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
MAX1501207 MAX15012DASA MAX15013DASA MAX15012AASA |
175V/2A, High-Speed, Half-Bridge MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products
|
ADM2486BRWZ-REEL |
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
|
http://
|
IR2085STR |
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
|
International Rectifier
|
NT805-751 NT805-752 NT805-701 |
Half Port PCMCIA 10/100 Base-TX High Speed LAN Magnetic Modules
|
Datatronic Distribution, Inc.
|
AUIR2085S |
Automotive Grade High Speed 100V Self Oscillating 50% Duty Cycle Half Bridge Driver
|
International Rectifier
|
SG2626 SG2626DW SG2626J SG2626M SG2626R SG2626T SG |
DUAL HIGH SPEED DRIVER DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, MBFM5 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 XTAL MTL SMT HC49/USM From old datasheet system Half Bridge Driver, Inverting
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
IR04H420 |
500V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF-BRIDGE
|
IRF[International Rectifier]
|
IR01H420-P2 IR01HD214 IR01D214 IR01D214-P2 IR01D22 |
250V Hi-Voltage Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package HIGH VOLTAGE HALF BRIDGE
|
IRF[International Rectifier]
|