PART |
Description |
Maker |
MIC2199 MIC2199BML |
300kHz 4mm × 4mm Synchronous Buck Converter 300kHz 4mm 】 4mm Synchronous Buck Converter 300kHz 4mm 4mm Synchronous Buck Converter 300kHz 4mm x 4mm Synchronous Buck Controller
|
MICREL[Micrel Semiconductor]
|
XL4003E1 |
4A 300KHz 32V Buck DC to DC Converter
|
List of Unclassifed Man...
|
AP1518 AP1518K5 AP1518K5A AP1518T5R AP1518T5RA AP1 |
6.5 A SWITCHING REGULATOR, 345 kHz SWITCHING FREQ-MAX, PSSO5 300KHZ, 3A PWM BUCK DC/DC CONVERTER 300 Khz, 3A PWM Buck DC/DC Converter
|
INTEGRATED CIRCUIT TECHNOLOGY CORP ANACHIP[Anachip Corp]
|
2622939 2623153 2596125 2596115 2596114 2622940 |
Evaluation Kit for the MAX19705, MAX19706, MAX19707, MAX19708 300kHz, 10-Bit ADC with Reference and Track/Hold
|
TE Connectivity, Ltd. PHOENIX CONTACT Deutschland GmbH KEMET Corporation
|
CX20201A-1 CX20201A-2 CX20201A-3 CX20202A-1 CX2020 |
8-Bit 160MSPS D/A Converter(8浣??60MSPS D/A杞???? 10/9/8-BIT 160MSPS D/A CONVERTER 10/9/8-BIT 160MSPS D / A转换 5015 RR 4#12 PIN PLUG LC 10/9/8-BIT 160MSPS D / A转换 From old datasheet system 9-Bit 160MSPS D/A Converter(9位B>160MSPS D/A转换 8-Bit 160MSPS D/A Converter(8位B>160MSPS D/A转换 10-bit 160MSPS D/A Converter
|
Sony, Corp. Sony Corporation
|
259611 259612 259613 259616 259617 259614 259615 2 |
300kHz, 10-Bit ADC with Reference and Track/Hold SIGN-NOT DRINKING WATER TFT-LCD DC-DC Converters with Operational Amplifiers 标志,违者不
|
KEMET Corporation
|
AM29824DM AM29826DM AM29822DM AM29822LMB AM29822DM |
9-Bit D-Type Flip-Flop Reference Design kit for the iP1206 a 300kHz, 30A Synchronous Buck Converter; A IRDCIP1206-B with Standard Packaging Intelligent Power Module. Gate Driver IC integrated with a half bridge FredFET Designed for sub 250W Motor Drive applications in a 9-Lead SIP. RDSon of 1.0 Ohm; A IR3101 with Standard Packaging 10位D型触发器 IR1150 Demo Board designed for use in continuous conduction mode boost converter applications for power factor correction and harmonic current reduction.; A IRAC1150-300W with Standard Packaging 10位D型触发器 Octal D-Type Flip-Flop 八路D类触发器
|
Toshiba, Corp. Electronic Theatre Controls, Inc. ITT, Corp. ATM Electronic, Corp.
|
SSS1408A-6Q SSS1508A SSS1508A-8Q AM1408N6 AM1408N7 |
8-Bit Multiplying D/A Converter 8位乘法D / A转换 8-Bit Multiplying D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.25 us SETTLING TIME, 8-BIT DAC, CDIP16
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AD9071 AD9071_PCB AD9071BR AD9071/PCB |
10-Bit 100 MSPS A/D Converter 10-Bit, 100 MSPS A/D Converter Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes 10-Bit/ 100 MSPS A/D Converter
|
AD[Analog Devices] Analog Devices, Inc.
|
T87C5112NBSP T80C5112NBSP T83C5112NBSP T87C5112 |
8-bit microcontroller 8 Kbytes OTP with A/D converter 8-bit microcontroller ROMless with A/D converter 8-bit microcontroller 8 Kbytes ROM with A/D converter From old datasheet system
|
Atmel Corp
|
AD9752ARZ AD9752ARUZ AD9752ARZRL AD9752-15 |
12-Bit, 100 MSPS TxDAC® D/A Converter PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 12-BIT DAC, PDSO28 12-Bit, 125 MSPS High Performance TxDAC D/A Converter
|
Analog Devices
|