PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
HMS91C7134 |
ROM/RAM size: 32 K/512 bytes, 4.5-5.5 V , 12 MHz,8-bit single-chip microcontroller
|
Hynix Semiconductor
|
M37641F8FP M37641F8HP M37641F8-XXXFP M37641F8-XXXH |
7641 Series Microcontrollers: Including the USB, DMAC and Master CPU Bus Interface RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CY62157DV30 CY62157DV30LL-70ZXI CY62157DV30L CY621 |
8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 8兆位(为512k × 16)的MoBL静态RAM 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 55 ns, PBGA48 8-Mbit (512K x 16) MoBL Static RAM 512K X 16 STANDARD SRAM, 45 ns, PDSO44 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-39 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-39 Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Matte Black RoHS Compliant: Yes Coaxial Cable; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Number of Conductors:1; Voltage Nom.:600V RoHS Compliant: Yes Quadruple 2-Input Positive-OR Gate 14-TSSOP -40 to 85 8-Mbit (512K x 16) MoBL(R) Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
CY7C60323-LTXC CY7C60323-PVXC CY7C60323-LTXCT CY7C |
enCoRe III Low Voltage Wireless presenter tools enCoRe?/a> III Low Voltage Wireless presenter tools enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B MULTIFUNCTION PERIPHERAL, QCC32 enCoRe(TM) III Low Voltage; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 512 B
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
MB84VA2107-10 MB84VA2106-10 |
Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:11; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
LC587202A LC587204A LC587206A LC587208A |
4-bit Single-chip Microcontrollers LCD driver ROM: 2, 4, 6, or 8 K x 16 bits, RAM: 512 x 4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:2 /4 /6 /or8 K x 16 bits / RAM:512 x4 bits 4-Bit Single-Chip Microcontroller LCD Driver ROM:246or8 K x 16 bits RAM:512 x4 bits CMOS IC 4-Bit Single-Chip Microcontroller LCD Driver ROM:2,4,6,or8 K x 16 bits, RAM:512 x4 bits Single-Chip 4-Bit Microcontroller with LCD Driver,512 ×4bit RAM,4K× 16 Bit ROM on chip(单片4位微控制器(带LCD驱动器,512 ×4位RAMK× 16位ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
SG1201A |
GRAPHIC LCD MODULE display format: 12x1; module size: 80x36x8.8; viewing size: 65.0x16.0; character size: 30.93x7.64; dot size: 0.40x0.60; controller: HD66730;
|
SUNLIKE
|
SG25664A |
GRAPHIC LCD MODULE display format: 16x4; module size: 180x65x9.7; viewing size: 134.0x40.4; character size: 7.97x7.97; dot size: 0.47x0.47; controller: ST7920;
|
SUNLIKE
|
V850E1 V850E_SV2 V850E_IA1 V850E_IA2 V850E_IA3 V85 |
V850E/IA2 Flash product ROM: 128 KB, RAM: 6 KB V850E/IA2 Mask product ROM: 128 KB, RAM: 6 KB V850E/IA3 Flash product ROM: 256 KB, RAM: 12 KB ROM-less version; Internal RAM: 4K bytes 32-bit RISC single-chip microcontroller V850E/SV2 V850E/IA4 Flash memory product ROM: 256 KB, RAM: 12 KB 32-Bit Microprocessor Core
|
NEC[NEC]
|
DV24200 |
CHARACTER LCD MODULE display format: 24x2 ; module size: 118.0x36.0x10.0; viewing size: 94.5x18.0; dot size: 0.60x0.65; character size: 3.20x5.55;
|
Data International CO.LTD.
|