PART |
Description |
Maker |
L6574 L6574D |
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
|
STMicroelectronics
|
L6574 L6574D |
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
|
ST Microelectronics
|
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
2SC4615 2SA1772 2SA1772ETP-FA |
1000 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistor for High-Voltage Driver Applications(高电压驱动器应用的PNP硅外延平面型晶体 进步党硅外延平面晶体管的高压驱动器应用(高电压驱动器应用的新进步党硅外延平面型晶体管 NPN Triple Diffused Planar Silicon Transistor High-Voltage Driver Applications PNP Epitaxial Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo Electric Co., Ltd.
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
TDA8576T |
Class-H high-output voltage level line driver(H绫诲?楂???虹????骞崇嚎?ч┍?ㄥ?) Class-H high-output voltage level line driver(H类别高输出电压电平线性驱动器) 2 CHANNEL, AUDIO AMPLIFIER, PDSO16
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LTC4440ES6 LTC4440 LTC4440EMS8E LTC444009 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
LTC4440-15 |
High Speed, High Voltage High Side Gate Driver
|
Linear Technology
|
NCP5183 NCP5183DR2G |
High Voltage High Current High and Low Side Driver
|
ON Semiconductor
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
CM150TU-12F |
240 x 128 pixel format, CFL Backlight with power harness HIGH POWER SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|