PART |
Description |
Maker |
IXFT28N50F IXFH28N50 IXFH28N50F |
HiPerRF Power MOSFETs F-Class: MegaHertz Switching 28 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 HiPerRF Power MOSFETs F-Class: MegaHertz Switching HiPerRF功率MOSFET F级:兆赫开
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFH32N50Q IXFT32N50Q |
32 A, 500 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET?/a> Power MOSFETs Q-Class HiPerFET⑩ Power MOSFETs Q-Class Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
IXFR26N60Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFETs ISOPLUS247 Q-CLASS
|
IXYS Corporation
|
IXFH75N10Q IXFT75N10Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HIPER FET POWER MOSFETS Q CLASS
|
IXYS[IXYS Corporation] ETC
|
IXFH11N80 IXFH13N80 IXFM13N80 IXFM11N80 |
HiPerFET Power MOSFETs 13 A, 800 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFR180N085 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
|
IXYS Corporation
|
IXFE39N90 |
HiPerFET Power MOSFETs Single Die MOSFET Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
IXFN60N60 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS[IXYS Corporation]
|
IXFR100N25 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs ISOPLUS247 From old datasheet system
|
IXYS[IXYS Corporation]
|
IXFT66N20Q IXFH66N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IRFD123 IRFD120 IRFD122 IRFD121 RFD120 |
(IRFD120 / IRFD121 / IRFD122 / IRFD123) N-Channel Power MOSFETs 1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs 1.3a规范,以.1A的,80V00V.30.40 Ohm的N通道功率MOSFET
|
HARRIS[Harris Corporation] Harris Semiconductor Harris, Corp.
|