PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
MCR100 |
Resistors > Rectangular Chip resistors Low ohmic resisitors : MCR10, etc.
|
ROHM
|
MCR25 |
Resistors > Rectangular Chip resistors Low ohmic resisitors : MCR10, etc.
|
ROHM
|
K4M56323LE-MS80 K4M56323LE K4M56323LE-EC1H K4M5632 |
2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 2米x 32Bit的4银行0FBGA移动SDRAM RES 180K 5% 0603 Surface Mount Resistors Thick Film Chip Resistors
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
AD8362ARU-REEL7 AD8362-EVAL AD8362ARUZ1 |
50 Hz to 2.7 GHz 60 dB TruPwr?/a> Detector 50 Hz to 2.7 GHz 60 dB TruPwrDetector 50赫兹.7 GHz 60分贝TruPwr⑩探测器
|
Analog Devices, Inc.
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MNR35 |
Resistors > Multiple miniature chip resistor networks Size0603(0201) rectangular chip resistors : MNR14, etc.
|
ROHM
|
MNR14 |
Resistors > Multiple miniature chip resistor networks Size0603(0201) rectangular chip resistors : MNR14, etc.
|
ROHM
|
MCR100JZHF4220 MCR01MZP MCR18EZP MCR18ERT MCR50JZH |
Thick Film Chip Resistors High reliability metal glazed thick film. ROHM resistors have obtained ISO9001/ISO/TS16949 certification.
|
Rohm
|
BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
|
Siemens Semiconductor Group
|
74LCXH2245MSA 74LCXH2245WM 74LCXH2245SJ 74LCXH2245 |
Low Voltage Bidirectional Transceiver with Bushold and 26з Series Resistors in B Outputs 低电压双向收发器Bushold6з在B输出串联电阻 Low Voltage Bidirectional Transceiver with Bushold and 26з Series Resistors in B Outputs LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 Low Voltage Bidirectional Transceiver with Bushold and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with Bushold and 26-Ohm Series Resistors in B Outputs From old datasheet system Low Voltage Bidirectional Transceiver with Bushold and 26 Series Resistors in B Outputs
|
Fairchild Semiconductor, Corp.
|