PART |
Description |
Maker |
LP61L1024S-12 LP61L1024X-12 LP61L1024V-12 LP61L102 |
128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM 128K的8.3V的高速低虚拟通道连接CMOS SRAM 128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM 128K的83.3V的高速低虚拟通道连接CMOS SRAM
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
KM62U256CLG-8L KM62U256CLG-10L |
32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
IS62LV5128LL IS62LV5128LL-70B IS62LV5128LL-70BI IS |
512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
KM62U256C |
Low Power AND Low Vcc CMOS Static RAM
|
Samsung semiconductor
|
MAX6754UKLD0-T MAX6755UKLD0-T MAX6756UKLD0-T MAX67 |
Vcc: 5.0 V, active timeout period: 0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 5.0 V, active timeout period: 100 ms-320 ms, low-power, single/dual-voltage window detector Vcc: 5.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 2.5 V, Vcc:1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, Vcc: 1.8 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.3 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, active timeout period:0.02 ms, low-power single/dual-voltage window detector Vcc: 3.0 V, active timeout period:185 ms, low-power single/dual-voltage window detector Vcc: 1.8 V, Vcc:adj, active timeout period:185 ms, low-power single/dual-voltage window detector
|
MAXIM - Dallas Semiconductor
|
IS62WV12816BLL-45B IS62WV12816BLL-45B2 IS62WV12816 |
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
EM621FR8ES-45LF EM681FR8ES-45LF EM622FR8ES-45LF EM |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
EM620FU16 |
128K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM6160FS32CW85L EM6160FV32CW85L EM6161FS32CW85L EM |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
EM610FV8S |
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM621FV16BU |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
IC62LV12816LL IC62LV12816L IC62LV12816L-55B IC62LV |
ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|