PART |
Description |
Maker |
LT1205CSPBF |
150MHz Video Multiplexers; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL 2-CHANNEL, VIDEO MULTIPLEXER, PDSO16
|
Linear Technology, Corp.
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
M61316SP M61311SP |
Bus Controlled 3ch Video Amp (15OMHz) I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY I2C总线控制的视频预先登记的高分辨率显示屏放大器
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Hitec RCD USA, Inc.
|
HFA1103 HFA1103IB FN3957 |
Op Amp, 200MHz, Video, Sync Stripper 200 MHz, Video Op Amp with High Speed Sync Stripper 200MHz, Video Op Amp with High Speed Sync Stripper 200MHz Video Op Amp with High Speed Sync Stripper From old datasheet system 200MHz/ Video Op Amp with High Speed Sync Stripper
|
INTERSIL[Intersil Corporation]
|
LT1457ACN8PBF |
Dual, Precision JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 45000 uV OFFSET-MAX, 1.7 MHz BAND WIDTH, PDIP8
|
Linear Technology, Corp.
|
LT1002A LT1002ACNPBF |
Dual, Matched Precision Operational Amplifier; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C DUAL OP-AMP, 100 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP14 Dual, Matched Precision Op Amp
|
Linear Technology, Corp.
|
EL2110CW EL2110 EL2110CN EL2110CS |
Low Cost, Gain of 1, Video Op Amp 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT6559CUD LT6559CUDTRPBF |
Low Cost 5V/±5V 300MHz Triple Video Amplifi er in 3mm × 3mm QFN Low Cost 5V/±5V 300MHz Triple Video Amplifier in 3mm x 3mm QFN; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PQCC16
|
Linear Technology, Corp.
|
LT1462CS8TRPBF |
Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2800 uV OFFSET-MAX, 0.14 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
|