PART |
Description |
Maker |
FQI12N60C FQB12N60C FQB12N60CTM |
600V N-Channel MOSFET 12 A, 600 V, 0.65 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFPC60LC-P IRFPC60LC-PPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247SM package TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 16A I(D) | TO-247AC 16 A, 600 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC TO-247AC, 3 PIN
|
International Rectifier Vishay Intertechnology, Inc.
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STN1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SOT-223 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMeshII MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A - SOT - 223封装MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
STP8NC60 STP8NC60FP |
N - CHANNEL POWER MOSFET N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh⑩II MOSFET N沟道600V 0.85ohm -A TO-220/TO-220FP PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 0.85 OHM 7A TO-220/TO-220FP POWERMESH II MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
FQT1N60C FQT1N60CTF-WS |
N-Channel QFETMOSFET 600V, 0.2A, 11.5 N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
|
Fairchild Semiconductor
|
FQA10N60C |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
IRFPC40 IRFPC40PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
|
IRF[International Rectifier]
|