PART |
Description |
Maker |
FQI5N60C FQB5N60C FQB5N60CTM |
600V N-Channel MOSFET 4.5 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 600V N-Channel Advance QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQU1N60 FQD1N60 FQD1N60TM FQU1N60TU |
600V N-Channel QFET 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQI10N60C FQB10N60C FQB10N60CTM FQI10N60CTU |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
HGT1S7N60B3S HGTP7N60B3 HGT1S7N60B3S9A HGTD7N60B3S |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 7A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|7A一(c)|63AB 14A, 600V, UFS Series N-Channel IGBTs
|
Cypress Semiconductor, Corp. Fairchild Semiconductor
|
STS1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SO-8 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A SO-8 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A的SO - 8 MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HGTG40N60B3 FN3943 |
70A, 600V, UFS Series N-Channel IGBT(70A, 600V锛?娌??缁????????浣??) 70A, 600V, UFS Series N-Channel IGBT(70A, 600V,N沟道绝缘栅双极晶体管) 70 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. Intersil Corporation
|
STP2NC60 STP2NC60FP 7506 |
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220-TO-220FP POWERME N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh⑩II MOSFET N-CHANNEL 600V 7 OHM 1.9A TO-220/TO-220FP POWERMESH II MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|