PART |
Description |
Maker |
CY7C144V CY7C138V CY7C007V 7C017V |
3.3V 4K/8K/16K/32K x 8/9Dual-Port Static RAM From old datasheet system
|
Cypress
|
AL4CX3680 AL4CX3660 AL4CX3670 |
2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs 2K / 4K 8K 16K 32K的36同步FIFO
|
AverLogic Technologies, Corp. AverLogic Technologies Inc AverLogic Technologies, Inc.
|
CY7C4281V CY7C4261V-15JC CY7C4261V-15JI CY7C4281V- |
CONNECTOR ACCESSORY 16K X 9 OTHER FIFO, 10 ns, PQCC32 Power Resistor; Series:MK; Resistance:50Mohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 16K X 9 OTHER FIFO, 8 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 128K X 9 OTHER FIFO, 15 ns, PQCC32 16K/32K/64K/128K x 9 Low-Voltage Deep Sync\TM FIFOs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT72V273L7BC IDT72V273L7BCI IDT72V273L7PF IDT72V2 |
64K x 18 / 128K x 9 SuperSync II FIFO, 3.3V 32K x 18 / 64K x 9 SuperSync II FIFO, 3.3V 16K x 18 / 32K x 9 SuperSync II FIFO, 3.3V 8K x 18 / 16K x 9 SuperSync II FIFO, 3.3V 4K x 18 / 8K x 9 SuperSync II FIFO, 3.3V 2K x 18 / 4K x 9 SuperSync II FIFO, 3.3V 1K x 18 / 2K x 9 SuperSync II FIFO, 3.3V 512 x 18 / 1K x 9 SuperSync II FIFO, 3.3V 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
|
IDT Integrated Device Technology
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
CY7C145AV-25JC CY7C144AV-20AC CY7C144AV-20JC CY7C1 |
3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor
|
89C51RB2-IL 89C51RC2-IL AT89C51RC2-3CSIM AT89C51RC |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
http:// ATMEL Corporation
|
AK93C10A AK93C10AF AK93C85A AK93C85AF AK93C85AM AK |
16K / 32K / 64KBIT SERIAL CMOS EEPROM
|
AKM[Asahi Kasei Microsystems]
|
89C52 P89C52 P89C52UBAA P89C52UBBB P89C52UBPN P89C |
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
|
PHILIPS[Philips Semiconductors]
|
ATMEGA32HVB-8X3 |
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
|
http://
|
ATMEGA16HVB-8X3 |
8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
|
http://
|