PART |
Description |
Maker |
FT0405MF FT0405BF FT0409DF FT0405DE FT0405DF FT040 |
600 V, 5 mA logic level TRIAC 400 V, 5 mA logic level TRIAC 400 V, 10 mA logic level TRIAC Logic Level TRIACs 200 V, 5 mA logic level TRIAC
|
Fagor
|
PMV60EN PMV60EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET 3M SCOTCHCAST ELECTRICAL RESIN 5 (16 1-LB UNITS = CARTON) RoHS Compliant: Yes UTrenchMOS enhanced logic level FET From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
BUK9506-55A BUK9E06-55A BUK9506_9606_9E06_55A-03 B |
TrenchMOSlogic level FET TrenchMOS?logic level FET TrenchMOS TM logic level FET TrenchMOS (tm) logic level FET From old datasheet system TrenchMOS logic level FET
|
Philips NXP Semiconductors
|
SUD45N05-20L |
N-Channel Enhancement-Mode Trans, Logic Level N-Channel 50-V (D-S), 175C MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
SUD10P06-280L SUU10P06-280L |
P-Channel 60-V (D-S), 175C MOSFET, Logic Level P通道60 -五(副)75 MOSFET的逻辑电平 P-Channel 60-V (D-S), 175 grades C MOSFET, Logic Level P-Channel 60-V (D-S), 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
PMV117EN |
micro TrenchMOS(tm) enhanced logic level FET N-channel TrenchMOS logic level FET uTrenchMOS enhanced logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PHD101NQ03LT PHB_PHD101NQ03LT-02 PHB101NQ03LT |
From old datasheet system TrenchMOS logic level FET TrenchMOS⑩ logic level FET
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FT0408MI00TU FT04 FT0407BI00 FT0407BI00TU FT0407DI |
400 V, 10 mA logic level TRIAC 600 V, 5 mA logic level TRIAC 600 V, 10 mA logic level TRIAC 400 V, 5 mA logic level TRIAC 200 V, 10 mA logic level TRIAC
|
Fagor List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
PHD55N03LTA PHB55N03LTA PHP55N03LTA PHD55N03LTA118 |
55 A, 25 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 TrenchMOS TM Logic Level FET TrenchMOS(TM)Logic Level FET
|
NXP SEMICONDUCTORS Philips
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|