PART |
Description |
Maker |
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
DS1230YP-70IND DS1230Y-120IND DS1230Y-200IND DS123 |
256k Nonvolatile SRAM 32K X 8 NON-VOLATILE SRAM MODULE, 70 ns, DMA34 256k Nonvolatile SRAM 32K X 8 NON-VOLATILE SRAM MODULE, 120 ns, DMA28 256k Nonvolatile SRAM 32K X 8 NON-VOLATILE SRAM MODULE, 200 ns, DMA28 256k Nonvolatile SRAM 32K X 8 NON-VOLATILE SRAM MODULE, 70 ns, DMA28
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
UPD43256BGX-70L-EKA UPD43256BGX-A10-EKA UPD43256BG |
256K-bit(32K-word x 8-bit) Low power SRAM
|
NEC
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
HN27C256H HN27C256HFP-10T HN27C256HFP-85T HN27C256 |
256K (32K x 8-bit) UV and OTP EPROM, 70ns 256K (32K x 8-bit) UV and OTP EPROM, 85ns 256K (32K X 8-BIT) UV AND OPT EPROM
|
Hitachi Semiconductor
|
DS1330WP-100IND |
3.3V 256k Nonvolatile SRAM with Battery Monitor 32K X 8 NON-VOLATILE SRAM MODULE, 100 ns, DMA34
|
Maxim Integrated Products
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
28C256TRPFB-15 28C256TRT4FB-15 28C256TRT4FB-12 28C |
256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DFP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 150 ns, DIP28 256K EEPROM (32K x 8-Bit) EEPROM 32K X 8 EEPROM 5V, 120 ns, DIP28
|
Maxwell Technologies, Inc
|
HY62SF16404D HY62SF16404D-DF85I |
256K X 16 STANDARD SRAM, 85 ns, PBGA48 High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
HYNIX SEMICONDUCTOR INC
|
BS62LV2006HCG55 BS62LV2006HCG70 BS62LV2006HI70 BS6 |
Very Low Power CMOS SRAM 256K X 8 bit 非常低功耗CMOS SRAM 256K × 8
|
BRILLIANCE SEMICONDUCTOR, INC.
|