PART |
Description |
Maker |
BAW56S Q62702-A1253 SIEMENSAG-Q62702-A1253 |
Silicon Switching Diode Array (For high-speed switching applications Common anode) 4 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
SMBD2835 SMBD2836 Q68000-A8436 Q68000-A8547 |
Silicon Switching Diode Array 0.25 A, 2 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system Silicon Switching Diode Array with co...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
1N3062 1N3064 1N3063 1N3062-15 |
SILICON SWITCHING DIODE 0.075 A, 75 V, SILICON, SIGNAL DIODE, DO-35 Leaded Silicon Diode Switching
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
MMBD4448HW-7-F |
Switching Diodes SURFACE MOUNT SWITCHING DIODE 0.25 A, 80 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
BAW78C Q62702-A779 BAW78A Q62702-A784 BAW78A-BAW78 |
Silicon Switching Diodes (Switching applications High breakdown voltage) 1 A, SILICON, SIGNAL DIODE From old datasheet system
|
Siemens Group SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
BAS521LP-7B BAS521LP-7 |
Discrete - Diodes (Less than 0.5A) - Switching Diodes 0.4 A, 325 V, SILICON, SIGNAL DIODE HIGH VOLTAGE SWITCHING DIODE
|
Diodes Incorporated
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
1N3163 1N3162 1N3174 1N3176 1N3166 1N3167 |
Diode Switching 150V 240A 2-Pin DO-9 Diode Switching 100V 240A 2-Pin DO-9 Diode Switching 1KV 300A 2-Pin DO-9 Diode Switching 1.4KV 240A 2-Pin DO-9 Diode Switching 300V 240A 2-Pin DO-9 Diode Switching 350V 240A 2-Pin DO-9
|
New Jersey Semiconductor
|
1N4764A 1N4732A 1N4751A 1N4745A 1N4728A 1N4730A 1N |
SILICON SWITCHING DIODE PTDA 2,5/11-PH-5,0 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 SILICON SWITCHING DIODE 22 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
http:// DIODES[Diodes Incorporated] Diodes Inc. Vishay Intertechnology, Inc. Diodes, Inc.
|
BAV99 Q68000-A549 |
SILICON SWITCHING DIODE ARRAY (FOR HIGH-SPEED SWITCHING CONNECTED IN SERIES)
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
|