PART |
Description |
Maker |
AT49F1024A AT49F1024A-45VL AT49F1024A-45VC |
1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash 1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
AM29DL640G90 AM29DL640G120 AM29DL640G70PCEN AM29DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PBGA63
|
Advanced Micro Devices, Inc.
|
AT49F4096ANBSP AT49F4096A-70CC AT49F4096A-90CC |
EEPROM 4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT49LV4096A AT49BV4096A AT49LV4096A-70C5I |
256K X 16 FLASH 2.7V PROM, 70 ns, PBGA48 4M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 4M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot
|
ATMEL CORP
|
AT49BV162A AT49BV162AT |
16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Bottom Boot 16M bit, 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash, Single Pane, Top Boot
|
Atmel
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
S29JL032J60BFI220 S29JL032J70BFI220 S29JL032J60TFI |
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
|
SPANSION
|
X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ |
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 8K X 8 EEPROM 5V, 120 ns, PDSO28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-PDIP 8K X 8 EEPROM 5V, 90 ns, PDIP28 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC 8K X 8 EEPROM 5V, 70 ns, PDSO28
|
Intersil Corporation http:// Intersil, Corp.
|
AM29BDD160G |
(16 Megabit (1 M x 16-bit/512 K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Wr From old datasheet system
|
AMD Inc
|
S29JL064H60TAI002 S29JL064H70TAI002 S29JL064H60BFI |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 60 ns, PDSO48 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PDSO48 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 60 ns, PBGA63
|
Spansion, Inc.
|
D640G70PI D640G12PI D640G90PI AM29DL640G90PCI AM29 |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪
|
Spansion Inc. Spansion, Inc.
|