PART |
Description |
Maker |
AS2534 AS2534BP AS2534BT AS2534EP AS2534ET AS2533 |
Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
|
AMSCO[austriamicrosystems AG] Austria Mikro Systems
|
SABC541U-1EN SABC541U-1ENB12 SABC541U-1ENCA SABC54 |
8-Bit USB Microcontroller with on-chi...
|
Infineon
|
AM29DL161DB120EI AM29DL161DB70EI AM29DL161DB90EI A |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A 2N6845 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE220 with Standard Packaging x8/x16 Flash EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3205 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY130CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9220 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y5305CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9230 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TH50VSF3582AASB |
MULTI-CHIP INTEGRATED CIRCUIT SILICON GATE CMOS SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
|
TOSHIBA
|
BL-B4131N BL-B4541N BL-B4541Q BL-B3141Q BL-B2141Q |
High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 0R00 2010 100PPM IMAX=3A RMAX=0.02 5% SMD RESISTOR High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 STANDARD LED LAMPS Yellow, standard LED lamp (round type) Orange, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Hi-eff green, standard LED lamp (round type)
|
早安股份有限公司 ETC[ETC] YSTONE[Yellow Stone Corp]
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
BU4S66 A5800658 |
Standard Logic LSIs > CMOS logic BU4S Series From old datasheet system Single Analog Switch(单模拟开
|
Rohm CO.,LTD.
|