PART |
Description |
Maker |
AQZ262 AQZ264 |
POWER PhotoMOS RELAYS (High capacity type) RELAY PHOTOMOS
|
Nais(Matsushita Electric Wo... NAIS[Nais(Matsushita Electric Works)] ETC
|
AQY212GSZ AQY212GS AQY212GSX |
PhotoMOS RELAYS
|
NAIS[Nais(Matsushita Electric Works)]
|
AQW254 AQW254A AQW254AX AQW254AZ |
PhotoMOS RELAYS
|
Nais(Matsushita Electric Works) Matsushita Electric Works(Nais)
|
AQZ102 |
(AQZxxx) POWER PhotoMOS RELAYS
|
Nais
|
AQV112KL AQY2 AQV1 |
Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No ER 20C 20#16 SKT RECP ER 6C 3#16 3#8 SKT RECP WALL PhotoMOS RELAYS
|
ETC NAIS[Nais(Matsushita Electric Works)]
|
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQS210PS |
PhotoMOS relay, multi-function. Optocoupler, darlington, diode bridge. Load voltage 350V AC/DC, load current 120 mA
|
Matsushita Electric Works(Nais)
|
AQW414EH AQW414EHA AQW414EHAX AQW414EHAZ |
PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Through hole terminal. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use)-E type 2-channel (form B) type. AC/DC type. I/O isolation voltage 5,000V. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal. Picked from the 5/6/7/8-pin side.
|
Matsushita Electric Works(Nais)
|
AQW454 AQW454AZ AQW454A AQW454AX |
PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Surface mount terminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, HE (high-function economy) [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. HE (High-function Economy) Type [2-Channel (Form B) Type] 他(高功能经济)类型[2通道(表B)型]
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
AQY210EH AQY210EHA AQY214EHA AQY214EHAZ AQY210EHAX |
PhotoMOS relay, GU (general use)-E type. 1-channel (form A). AC/DC type. I/O isolation voltage reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. PhotoMOS relay, GU (general use)-E type. 1-channel (form A). AC/DC type. I/O isolation voltage reinforced 5,000V. Output rating: load voltage 350 V, load current 130 mA. GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
|