PART |
Description |
Maker |
A3986SLD-T A3986SLDTR-T A3986 |
FULL BRDG BASED MOSFET DRIVER, PDSO38 Dual Full-Bridge MOSFET Driver with Microstepping Translator
|
Allegro MicroSystems
|
10ETS08FP 10ETS08FPPBF 10ETS12FPPBF |
10 A, 800 V, SILICON, RECTIFIER DIODE, TO-220AC FULL PACK-2 Input Rectifier Diode TO-220 FULL-PAK, 10 A
|
Microsemi, Corp. Vishay Siliconix
|
RC-721B-6SD2 RC-721BA-6SD2 |
19 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
|
BOSER Technology Co., Ltd http://
|
AT71201M DOC5328 AT71201MCRER AT71201MCREN |
Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology From old datasheet system Square Full Frame CCD of 4096 x 4096 elementary pixels 11 x 11 µm(2) size.
|
ATMEL[ATMEL Corporation]
|
OMD60L60FL OMD150N06FL |
TRANSISTOR | IGBT POWER MODULE | FULL BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块|全桥| 600V的五(巴西)国际消费电子展| 75A条一c TRANSISTOR | MOSFET POWER MODULE | FULL BRIDGE | 60V V(BR)DSS | 150A I(D)
|
Unisonic Technologies Co., Ltd.
|
MAX807 MAX807CPE MAX807CWE MAX807EPE MAX807EWE MAX |
Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.675V Full-Featured レP Supervisory Circuit with 1.5eset Accuracy 全功能レP监控电路与精度1.5eset Full-Featured レP Supervisory Circuit with .5eset Accuracy Full-Featured P Supervisory Circuit with 1.5eset Accuracy Full-Featured μP Supervisory Circuit with ±1.5% Reset Accuracy Full-featured microprocessor supervisory circuit with -1.5% reset accuracy. Reset threshold (typ) 4.575V
|
Maxim Integrated Products, Inc. Maixm MAXIM - Dallas Semiconductor
|
AP1305Z-SPLA AP1301 AP1301A-S AP1301A-SA AP1301A-S |
500 mA, RD output; single coil fan motor full wave driver BRUSHLESS DC MOTOR CONTROLLER, 0.35 A, PDSO8 LEAD FREE, SOP-8 500 mA, FG output; single coil fan motor full wave driver 350 mA, FG output; single coil fan motor full wave driver Single Coil Fan Motor Full Wave Driver
|
http:// ANACHIP[Anachip Corp] Integrated Circuit Technology Corp
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
LC895297 |
Full CAV 20× CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP(全CAV 20倍CD-ROM译码器带内置式ATAPI (IDE)接口CD-DSP) 全部角速度20 ×CD - ROM在阿拉木图内置解码器,皮(IDE)的接口CD -数字信号处理器(全角速度20倍速的CD - ROM译码器带内置式的ATAPI(IDE)的接口和光盘的DSP Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP CMOS LSI Full CAV 20x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
A3952SB A3952SEB A3952SLB A3952SW 3952 A3952KW A39 |
FULL-BRIDGE PWM MOTOR DRIVER From old datasheet system DIODE SWITCHING DUAL ISOLATED 75V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL FULL-BRIDGE PWM MOTOR DRIVER 全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
SCBK10FF SCBK05FF SCBK15FF |
Superfast Recovery 1-Phase Full Wave Bridge Rectifier(反向电压150V,管壳温5℃时平均整流电流38A,超快恢复,1相全波桥整流 SUPERFAST RECOVERY 1 PHASE FULL WAVE BRIDGE RECTIFIERS
|
Semtech Corporation
|