PART |
Description |
Maker |
D45C11 D45C2 D45C8 D44C5 D44C8 D45C5 D44C11 D44C1 |
POWER TRANSISTORS(4A,30-80V,30W) 功率晶体管(4A30 - 80V的,功率30W OSC 5V 8PIN CMOS PROGRAM POWER TRANSISTORS(4A/30-80V/30W) TRANSISTOR|BJT|PNP|80VV(BR)CEO|4AI(C)|TO-220AB
POWER TRANSISTORS(4A30-80V30W)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SD897A |
POWER TRANSISTORS(1.5A,1500V,50W) 功率晶体管(1.5A的,1500V的,50瓦) POWER TRANSISTORS(1.5A1500V50W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE4343 MJF4343 MJE4353 ON2037 |
From old datasheet system 16 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
TIP31C TIP31B TIP31A ON2983 TIP32C TIP32A TIP32B |
3 AMPERE POWER TRANSISTORS From old datasheet system POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SD613 2SD613F |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset POWER TRANSISTORS(6A/85V/40W) POWER TRANSISTORS(6A,85V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
BD442 BD439 BD441 4130 BD440 -BD441 -BD442 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SC3150 |
POWER TRANSISTORS(3A800V50W) POWER TRANSISTORS(3A,800V,50W)
|
MOSPEC[Mospec Semiconductor]
|