PART |
Description |
Maker |
2SD2161 2SD2161L |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC Corp. NEC[NEC]
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
309RILF 309RILFT |
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
|
Integrated Device Techn...
|
LMX2331LTM |
PLLatinum⑩ Low Power Dual Frequency Synthesizer for RF Personal Communications
|
NS
|
CA3102 CA3102E CA3102M |
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
|
Intersil Corporation
|
CA3102 FN611 |
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz From old datasheet system
|
Intersil
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
2SC5335 2SC5335TENTATIVE |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay Silicon NPN epitaxial planer type(For low-frequency output amplification)
|
Panasonic Corporation Panasonic Semiconductor
|
2SC3356 2SC3356S 2SC3356R24 2SC3356R25 2SC3356R23 |
For amplify low noise and high frequency MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR) TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 100MA I(C) | SOT-346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 12V的五(巴西)总裁| 100mA的一(c)|的SOT - 346
|
NEC[NEC] NEC Corp. NEC, Corp.
|
2SC2351 2SC2351-E 2SC2351-P 2SC2351-F 2SC2351-Q |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 70MA I(C) | SOT-346 晶体管|晶体管|叩| 12V的五(巴西)总裁|提供70mA一(c)|的SOT - 346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN SILICON HIGH FREQUNY TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
2SC1623 2SC1623L5 2SC1623L6 |
FILTER PLATE 音频通用放大器NPN硅外延晶体管微型模具 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
SA8027W SA8027DH SA8027DH512 |
2.5 GHz low voltage / low power RF fractional-N/IF integer frequency synthesizer 2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer 2.5 GHz的低电压,射频fractional-N/IF整数频率合成器的低功
|
Philips NXP Semiconductors N.V.
|