PART |
Description |
Maker |
IR2136STR IR21363PBF IR21366 IR21362 IR21362PBF IR |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Soft Turn-on, Non-inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Soft Turn-on, Non-inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Soft Turn-on, Non-inverting Input Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package
|
International Rectifier
|
PS7221-2A PS7221-2A-F3 PS7221-2A-F4 PS72221-2A-F4 |
3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; A IR2136 packaged in a Lead-Free 28-Lead SOIC 场效应管输出光耦合 3 Phase Driver, Soft Turn-on, Inverting Input Separate High and Low Side Inputs, 200ns Deadtime.; Similar to IR2136S with Lead-Free Packaging shipped on Tape and Reel FET-OUTPUT OPTOCOUPLER 8-PIN SOP 200 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
IR2109 IR21094 IR21094S IR2109S IR2109STR |
Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR2108 IR21084 IR21084S IR21084STR IR2108S IR2108S |
Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
HIP4086AABZ HIP4086ABZ HIP4086ABZT |
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current 80V/0.5A Peak Three Phase Driver; Temperature Range: -25°C to 85°C; Package: 24-SOIC T&R 1.1 A HALF BRDG BASED MOSFET DRIVER, PDSO24
|
Intersil Corporation
|
TS53YL500OHM/-20TR TS53YL50OHM/-20TR TS53YL20OHM/- |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50000 ohm
|
Vishay Intertechnology, Inc.
|
BA6467FP-Y A5800962 |
Motor Drivers LSIs > General-Purpose three-phase brushless motor driver > Sensor type 3-phase motor driver for VCR cylinders From old datasheet system
|
Rohm
|
HA13440 HA13440MP HA13440NMP |
Drivers, 15V, Three Phase Brushless DC Motor Driver THREE PHASE BRUSHIESS DC MOTOR DRIVER 15 V, three-phase brushless DC motor driver
|
Renesas Technology / Hitachi Semiconductor HITACHI[Hitachi Semiconductor]
|
ML4818CP ML4818CS ML4818 |
Phase Modulation/Soft Switching Controller
|
MICRO-LINEAR[Micro Linear Corporation]
|
TSS3J45S TSS3G47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
TSS1J45 TSS1J47 TSS1G45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
|