PART |
Description |
Maker |
PLS159A |
Programmable logic sequencer 16 x 45 x 12
|
Philips Semiconductors
|
82S105 |
Field Programmable Logic Sequencer
|
Signetics
|
ST5R25 ST5R33 ST5R50 |
MICROPOWER VFM STPE-UP DC/DC CONVERTER ; No. of Macrocells:64; IC Generic Number:; No. of Outputs:68; Number of Inputs:68; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:32; Package/Case:44-PLCC; Mounting Type:Surface Mount
|
ST Microelectronics
|
ISL6125IR ISL6125 ISL6124 ISL6124IR ISL6123 ISL612 |
Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 电源顺序控制 Power Sequencing Controllers 2-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24 Low Voltage 4-Channel Power Sequencer, Programmable Up/Down Sequencing, Enable=High Low Voltage 4-Channel Power Sequencer, Programmable Up/Down Sequencing, Enable=Low
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M4A3-256/128-7FANI M4A3-256/128-7FANC M4-192/96-14 |
EE PLD, 7.5 ns, PQFP100 LEAD FREE, TQFP-100 EE PLD, 7.5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 EE PLD, 10 ns, PBGA256 LEAD FREE, FPBGA-256 EE PLD, 5 ns, PQFP48 1.40 MM HEIGHT, LEAD FREE, TQFP-48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 EE PLD, 6 ns, PQFP144 LEAD FREE, TQFP-144 EE PLD, 7.5 ns, PQFP144 LEAD FREE, TQFP-144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQCC44 EE PLD, 7.5 ns, PQCC44 LEAD FREE, PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5 ns, PQFP48 MACH4 ISP EEPLD, SMD, TQFP100, 3.3V; Logic IC family:Programmable; Logic IC function:Programmable ISP; Voltage, supply:3.3V; Case style:TQFP / 100; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes EE PLD, 12 ns, PQFP100
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AM2911ADCB AM2911APC AM2911AXM |
MICROPROGRAM SEQUENCER BLOCK DIAGRAM 4-BIT, MICROPROGRAM SEQUENCER, CDIP28 MICROPROGRAM SEQUENCER BLOCK DIAGRAM 4-BIT, MICROPROGRAM SEQUENCER, PDIP20 18GHz Coaxial Switch
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
SMS45 SMS45GCR00 SMS45GCR01 SMS45GCR02 SMS45GCR03 |
Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
|
SUMMIT[Summit Microelectronics, Inc.]
|
ADM1065ACP ADM1065ASU ADM1065ACP-REEL7 ADM1065ASU- |
Super Sequencer-TM and Monitor 10-CHANNEL POWER SUPPLY SUPPORT CKT, PQFP48 Multisupply Supervisor/Sequencer
|
Analog Devices, Inc.
|
LC5256MB-45F208C LC5256MB-45F208I LC5256MB-45F256C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD垄芒 Family
|
Lattice Semiconductor
|
X80143 X80141 |
Voltage Supervisor/Sequencer
Quad Programmable Time Delay with Local/
Remote Voltage Monitors Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/ Remote Voltage Monitors
|
INTERSIL
|
LC5256MC LC5256MC-4F256C LC5256MC-5F256C LC5256MC- |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family
|
LATTICE[Lattice Semiconductor]
|
EP1K30FC256 ACEX1K07 |
Programmable Logic Family From old datasheet system Field Programmable Gate Array (FPGA)
|
Altera Corporation
|