PART |
Description |
Maker |
NTTD1P02R2-D NTTD1P02R2/D |
Power MOSFET -1.45 Amps-20 Volts Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package
|
ON Semiconductor
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTMD6P02R2 NTMD6P02R2-D NTMD6P02 |
Power MOSFET 6 Amps, 20 Volts P?Channel SO, Dual(6A0V,双P沟道SO-8封装的功率MOSFET) Power MOSFET 6 Amps, 20 Volts P-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTB45N06LT4 NTB45N06LT4G NTP45N06L NTB45N06L NTB45 |
Power MOSFET 45 Amps, 60 Volts, Logic Level 45 Amps, 60 Volts, Logic Level, N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTD30N02G |
Power MOSFET 30 Amps, 24 Volts
|
ON Semiconductor
|
NVMFS5C612NLWFT1G |
Power MOSFET 4 Amps, 20 Volts
|
ON Semiconductor
|
|