PART |
Description |
Maker |
SX1701A SX1701AI085TRT |
Highly linear wideband LNA Single-channel, single-ended to differential conversion
|
Semtech Corporation
|
TQ3M31 |
832-894 MHz & 1930-1990 MHz Dual Band LNA From old datasheet system Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
|
TRIQUINT[TriQuint Semiconductor] TriQuint Semiconductor,Inc.
|
MGA-53543 |
MGA-53543 · 5V High Linearity LNA, 39dBm OIP3, 0.45-6GHz, SOT343(SC-70) 50 MHz to 6 GHz High Linear Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
SA611DK SA611 SA611_3 |
1 GHz low voltage LNA and mixer From old datasheet system 1GHz low voltage LNA and mixer
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
ACA2404 ACA2404S7P0 ACA2404S7P2 |
MIL-DTL-38999 JT06 SERIES CLASS RE STRAIGHT PLUGS, STRAIGHT BODY STYLE, CRIMP TERMINATION, 12 SHELL SIZE, 12-22 INSERT ARRANGEMENT, PLUG GENDER, 22 24V Line Amplifiers High Output Power Doubler Line Amplifier The ACA2404 is a highly linear, high output power, monolithic GaAs amplifier that has been developed to replace the standard CATV ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
E5561 |
e5561 Advance Information [Updated 4/03. 26 Pages] Read/Write transponder IC for contactless RF identification for highly sophisticated security Read/Write transponder IC for contactless RF identification for highly sophisticated security applications.
|
Atmel
|
SG5842ASZ SG5842JA SG5842ADZ |
Highly Integrated Green-Mode PWM Controller 0.23 A SWITCHING CONTROLLER, 68 kHz SWITCHING FREQ-MAX, PDSO8 Highly Integrated Green-Mode PWM Controller 高度集成的绿色模式PWM控制
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
GRM1885C1H121JA01D GRM188R71E104KA01B C2012X5R0J22 |
4A HIGHLY INTEGRATED SUPLRBUCK
|
International Rectifier
|
3700 |
Highly Integrated SoC
|
Maxwell Technologies
|
LEDGS75N LEDRS75N LEDRS75N-S |
LED Highly-Diffused Lights (75 mm)
|
List of Unclassifed Manufacturers ETC
|