PART |
Description |
Maker |
MAX6341CPA MAX6341CSA MAX6341EPA MAX6341ESA MAX634 |
Stereo 2-W Audio Power Amp with 4 Selectable Gain Settings and MUX Control 24-HTSSOP -40 to 85 1ppm/C / Low-Noise / 2.5V/ 4.096V/ 5V Voltage References 1ppm/C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/∑C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/C Low-Noise 2.5V/ 4.096V/ 5V Voltage References 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References 1ppm/??, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
BA033FP BA06FP BA033T BA03FP BA05T |
(BAxxxT/FP) Low Saturation Voltage Low saturation voltage type 3-pin regulator Constant voltage power supply
|
Rohm
|
LA8632 LA8632M |
Low-voltage / Low-current Compander Monolithic Linear IC Low-voltage, Low-current Compander Low-voltage, Low-curent Compander
|
SANYO[Sanyo Semicon Device]
|
6206-35/BXAJC 6206-45/BXAJC 6206-45/BYAJC 6206-100 |
x8 SRAM Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits High-Voltage, Low-Current Voltage Monitors in SOT Packages Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits x8的SRAM
|
ITT, Corp.
|
TS2951CS-5.0 TS2950 TS2950ACT TS2950ACT-3.0 TS2950 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 (TS2950 / TS2951) 150mA Ultra Low Dropout Positive Voltage Regulator Analog IC: Low Drop Out Voltage Regulators
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
PQ070XNA1ZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
DN100 |
Extremely low collector-to-emitter saturation voltage Suitable for low voltage large current drivers
|
KODENSHI KOREA CORP.
|