PART |
Description |
Maker |
HRDC-10-4H-3 HSDC-10-4H-1 HSDC-10-4H-3 HRDC-10-4H- |
Synchro-to-Digital Converter 同步数字转换 Resolver-to-Digital Converter 分解器数字转换器 D-sub connectors, Straight, Through hole type; HRS No: 211-0252-3 57; Contact Mating Area Plating: Gold 分解到数字转换器
|
Comchip Technology Co., Ltd. TE Connectivity, Ltd.
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
TC14433AEJG TC14433EJG TC14433ELI TC14433EPG TC144 |
The TC14433 is a low power,high-performance, monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter pro The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital circuits on a single IC,thus minimizing the number of external components.This dual-slope A/D converter prov 3-1/2 Digital / Analog-to-Digital Converter 3-1/2 Digit, Analog-to-Digital Converter The TC14433 is a low power,high-performance,monolithic CMOS 3-1/2 digit A/D converter.The TC14433 combines both analog and digital ...
|
MICROCHIP[Microchip Technology]
|
AU6802 |
High Speed / Digital Tracking / Complete 10-12 Bit Resolver to Digital Converter
|
Tamagawa
|
LC78834M |
Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters
|
Sanyo Semicon Device
|
RD-19230FX-202T RD-19230F-303T |
Converter 转换 Resolver-to-Digital Converter 分解器数字转换器
|
Advanced Interconnections, Corp. BCD Semiconductor Manufacturing, Ltd.
|
ADS1000A0IDBVRG4 ANALOGDEVICESINC.-ADS1000A1IDBVR |
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2CINTERFACE 低功耗,12位模拟数字转换接口的I2C LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
|
Analog Devices, Inc.
|
TC1322EUA TC1322 TC1322EOA |
The TC1322 is a serially accessible 12-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 12-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
SD-14531D3-595 SD-14531D1-595 SD-14531D1-252 SD-14 |
SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDMA36 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, CDMA36
|
DATA DEVICE CORP
|