PART |
Description |
Maker |
CY7C67300-100AXA CY7C67300-100AXAT CY7C67300-100AX |
EZ-Host Programmable Embedded USB Host and Peripheral Controller EZ-HostProgrammable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support UNIVERSAL SERIAL BUS CONTROLLER, PQFP100
|
http:// Cypress Semiconductor, Corp.
|
SDA6000 |
Teletext Decoder with Embedded 16 Bit Controller
|
Micronas
|
MM7150 |
High Performance 32-bit Embedded Controller
|
Microchip Technology
|
MC68EC030 |
Second-Generation 32-Bit Enhanced Embedded Controller
|
MOTOROLA[Motorola, Inc] Freescale Semiconductor, Inc
|
MPC5673K |
Microcontroller is a 32-bit embedded controller designed for advanced
|
Freescale Semiconductor, Inc
|
MC68EC030TS |
MC68EC030TS Second-Generation 32-Bit Enhanced Embedded Controller
|
Motorola
|
SM7910806 |
8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
|
SyncMOS Technologies,Inc
|
SM79164C35J |
8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
|
?拌??介?绉???′唤??????
|
SM5964AIHHKL SM5964AL25 |
8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
|
新茂国际科技股份有限公司
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
80L186EA 80C188EA 80L188EA S80C186EA20 |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT, 20 MHz, MICROPROCESSOR, PQFP80
|
Intel Corp. Intel, Corp. Rochester Electronics, LLC
|