PART |
Description |
Maker |
PI90LVB16L |
3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
|
Pericom Semiconductor C...
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HD74LS640-1 HD74LS640-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HD74LS642-1 HD74LS642-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted open-collector outputs)
|
HITACHI[Hitachi Semiconductor]
|
MAX9174ETB MAX9175ETB MAX9175EUB MAX9174EUB |
670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
|
Maxim Integrated Products, Inc.
|
KAD5512HP-17Q72 KAD5512HP-25Q72 KAD5512HP-12Q48 KA |
12-Bit, 210MSPS Single-Channel ADC with LVDS/LVCMOS Outputs 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 125MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 48-QFN 12-Bit, 250MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 12-Bit, 170MSPS Single-Channel ADC with LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN
|
INTERSIL CORP
|
MAX9375 MAX9375EUA |
Single LVDS/Anything-to-LVPECL Translator
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AS1156_AS1154 AS1156-BSOT AS1156-BSOU AS1154-BSOT |
Single/Dual LVDS Driver
|
austriamicrosystems AG
|
VCC6-L VCC6-LCC-622M080 VCC6-LCF-622M080 VCC6-LCB- |
3.3 volt LVDS Oscillator, >270MHz 3.3 volt LVDS Oscillator, >270MHz CRYSTAL OSCILLATOR, CLOCK, 622.08 MHz, LVDS OUTPUT 3.3 volt LVDS Oscillator, >270MHz 3.3伏的LVDS振荡器,70MHz
|
Vectron International, Inc.
|
AD7878LN AD7878LP |
SOTiny Low-Voltage, 8-Ohm Single Analog / Bus Switch IC LOGIC 125 LOW-VOLTAGE SINGLE FET 8-OHM BUS SWITCH -40 85C SC-70-5 3000/REEL
|
Analog Devices, Inc.
|