PART |
Description |
Maker |
MCP18480 |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
MICROCHIP[Microchip Technology]
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
LT1640AH LT4250H LT4250HCN8 LT4250HCS8 LT4250HIN8 |
NEGATIVE 48V HOT SWAP CONTROLLER
|
Linear Technology Corporation LINER[Linear Technology]
|
MAX5902 MAX5902-MAX5903 MAX5903 MAX5902LBEUT-T MAX |
72V SOT23 Simple Swapper Hot-Swap Controllers 72V、SOT23/TDFN封装、Simple Swapper热插拔控制器 72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 72 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC4253 4253FA |
-48V Hot Swap Controller with Sequencer From old datasheet system
|
Linear
|
SMH480209 |
Programmable -48V Hot-Swap Controller with Forced Shut Down
|
Summit Microelectronics, Inc.
|
LTC1647-3IGNPBF LTC1647-3IGNTR |
Dual Hot Swap Controllers
|
Linear Technology
|
MAX5938 |
-48V Hot-Swap Controller with VIN Step Immunity,No RSENSE, and Overvoltage Protection From old datasheet system
|
Maxim
|
MIC2583R-XBQS MIC2582-J1YM MIC2582-MYM MIC2583-MYQ |
Single Channel Hot Swap Controllers
|
Micrel Semiconductor
|
ES1010SI EVB-ES1010SI |
12V Hot-Swap Power Distribution Controllers
|
Altera Corporation
|
MC145040DW1 MC145040DW2 MC145040FN1 MC145040FN2 MC |
Full Featured -48V Hot Swap Power Manager, Industrial Temp. 44-TSSOP -40 to 85 8-Bit A/D Converters With Serial Interface
|
Motorola, Inc.
|