PART |
Description |
Maker |
MAX5900 MAX5901 MAX5901LBEUT-T MAX5900LBEUT-T |
-100V SOT23 Simple Swapper Hot-Swap Controllers 100 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5900LAEUT MAX5900LAEUTT MAX5901LAETT MAX5901LAE |
-100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
|
MAXIM - Dallas Semiconductor
|
MAX5902LAETT MAX5903NNEUT-T MAX5903NNETT-T MAX5903 |
72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
ADM1172 ADM1172-2AUJZ-RL7 ADM1172-1AUJZ-RL7 |
2.7 V to 16.5 V Hot Swap Controller with Power-Good Comparator 2.7 V to 16.5 V Hot Swap Controller with Power-Fail Comparator
|
Analog Devices
|
ADC-00304-302 ADC-00304-102 ADC-00306-112 ADC-0030 |
Ultralow Voltage Hot Swap Controller; Package: DFN; No of Pins: 12; Temperature Range: 0°C to 70°C Analog-to-Digital Converter12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Analog-to-Digital Converter??? 12-Bit CompactPCI Hot Swap Controller with I²C Compatible Interface; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C
|
热切电源分布
|
LTC1422CS8 LTC1422I LTC1422 LTC1422C LTC1422CN8 LT |
Hot Swap Controller
|
LINER[Linear Technology]
|
LTC1421CG LTC1421CSW LTC1421 |
Hot Swap Controller
|
Linear Technology
|
LT1640L1 LT1640HCS8TRPBF LT1640HCN8PBF LT1640LIS8 |
Negative Voltage Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Negative Voltage Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Negative Voltage Hot Swap Controller
|
Linear Technology, Corp.
|
S39421 S39421S |
Hot Swap Voltage Controller
|
Summit Microelectronics, Inc. ETC
|
S39421S |
Hot Swap Voltage Controller
|
Summit Microelectronics, In...
|