PART |
Description |
Maker |
ADG731BCP-REEL7 ADG731BSU ADG731BSU-REEL ADG731BSU |
16-/32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 32-CHANNEL, SGL ENDED MULTIPLEXER, QCC48 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
|
Analog Devices, Inc.
|
ADG725 ADG725BCP ADG725BSU ADG731BCP ADG731BSU ADG |
16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, .5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 ?1.8 V to 5.5 V, ±2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, 【2.5 V, Analog Multiplexers 16-/32- Channel/ Serially Controlled 4 1.8 V to 5.5 V/ 2.5 V/ Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel 16-/32- Channel, Serially Controlled 4 з 1.8 V to 5.5 V, .5 V, Analog Multiplexers Tantalum Conformal-Coated Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel
|
AD[Analog Devices] Analog Devices, Inc.
|
ADG728BRU ADG728BRU-REEL ADG728BRU-REEL7 ADG728BRU |
CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
|
Analog Devices
|
MAX4549 MAX4549EAX-T |
Serially Controlled.Triple 3x2 Audio/Video Crosspoint Switches Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches 3-CHANNEL, CROSS POINT SWITCH, PDSO36
|
Maxim Integrated Products, Inc.
|
MAX349EPN MAX349EWN |
Serially Controlled, Low-Voltage, 8-Channel Dual 4-Channel Multiplexers
|
MAXIM - Dallas Semiconductor
|
MAX3950 MAX3950EGK |
3.3V.10.7Gbps 1:16 Deserializer with LVDS Outputs " 3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs" Serially Controlled, Low-Voltage, 8-Channel SPST Switch From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
ISL23511 ISL23511UFB8Z ISL23511UFRU10Z ISL23511WFB |
Single Push Button Controlled Potentiometer Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer 50K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PQCC10 Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R
|
Intersil Corporation Intersil, Corp.
|
ICS307G-03T 307G-03LF ICS307-03 ICS307G-03 ICS307G |
SERIALLY PROGRAMMABLE CLOCK SOURCE
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems]
|
AS11001 AS1100PL AS1100PE AS1100WE |
Serially Interfaced, 8-Digit LED Driver
|
austriamicrosystems AG ams AG
|
AS1105WL AS11051 AS1105WL-T |
Serially Interfaced, 4-Digit LED Driver
|
ams AG austriamicrosystems AG
|
AS1105 |
Serially Interfaced 4-Digit LED Driver
|
AMSCO
|