PART |
Description |
Maker |
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
AD5332 AD5332BRU AD5333BRU AD5342BRU AD5343BRU AD5 |
2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 12-Bit DAC with Parallel Interface in 28-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 230A Dual Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
|
AD[Analog Devices]
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MX7537UQ MX7537SQ MX7537J_D MX7537JEWG MX7537JN MX |
CMOS Parallel Loading Dual 12-Bit Multiplying D/A Converters DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDIP24 CMOS Parallel Loading Dual 12-Bit Multiplying D/A Converters DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 CMOS.Parallel Loading.Dual.12-Bit Multiplying DAC DIODE ZENER SINGLE 150mW 11Vz 5mA-Izt 0.05 0.1uA-Ir 8 SOD-523 3K/REEL
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
AD7840JPZ AD7840SQ/883B AD7840 AD7840-15 AD7840SQ |
LC2MOS Complete 14-Bit DAC Single Chip 12-Bit Data Acquisition Systems; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, CDIP24 Complete 14-Bit CMOS DAC SERIAL, PARALLEL, WORD INPUT LOADING, 2.5 us SETTLING TIME, 14-BIT DAC, PQCC28 LC MOS Complete 14-Bit DAC
|
Analog Devices, Inc.
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
DAC8412BTC/883C |
Quad, 12-Bit DAC Voltage Output with Readback; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Industrial QUAD, PARALLEL, WORD INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
LTC1657IGN LTC1657IN LTC1657I LTC1657CGN LTC1657 L |
Low-Power Dual LinCMOS<TM> Timer 20-LCCC -55 to 125 PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Low-Power Dual LinCMOS<TM> Timer 14-CDIP -55 to 125
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
|