PART |
Description |
Maker |
ML9480 |
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
|
List of Unclassifed Manufac...
|
TK10416 TK10416M TK10416MTL TK10416MTL_416 TK10416 |
DYNAMIC SPEAKER DRIVE AMPLIFIER
|
TOKO Inc. TOKO[TOKO, Inc]
|
AH-501-C AH-301 AH-302 |
Heavy-duty, industrial quality, continuous duty heat blower
|
List of Unclassifed Man...
|
AN1078 |
ST7 PWM DUTY CYCLE SWITCH IMPLEMENTING TRUE 0% & 100% DUTY CYCLE
|
SGS Thomson Microelectronics
|
2SD2248 |
NPN EPITAXIAL TYPE (HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS FOR INDUCTIVE LOAD DRIVE)
|
TOSHIBA[Toshiba Semiconductor]
|
9-917542-2 |
Dynamic Series Connectors; DYNAMIC D-5200S V-HDR ASSY 4P ( AMP )
|
Tyco Electronics
|
HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 |
High-Speed Fully-Differential Amplifiers 8-MSOP -40 to 85 1M X 16 EDO DRAM, 50 ns, PDSO44 1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模) 1M×16-Bit Dynamic RAM (Hyper Page Mode-EDO)(1M×16动RAM)
|
Siemens Semiconductor Group SIEMENS AG
|
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
HYB314100BJL-70 HYB314100BJL-60 HYB314100BJ-50 HYB |
4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4M X 1 FAST PAGE DRAM, 50 ns, PDSO20 4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM 4米1位动态随机存储器的低功米1位动态随机存储器 4M X 1 FAST PAGE DRAM, 70 ns, PDSO20 0.300 INCH, PLASTIC, SOJ-26/20 4M x 1-Bit Dynamic RAM(Fast Page Mode)(4M x 1动RAM(快速页面模)
|
http:// Infineon Technologies AG SIEMENS AG
|
ADXL210E ADXL210JE ADXL210AE ADXL210 |
0 g Dual Axis Accelerometer with Duty Cycle Outputs ADXL210E: Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle Data Sheet (Rev. 0. 5/02)
|
AD[Analog Devices]
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|