PART |
Description |
Maker |
LAN91C94 91C94 |
ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
|
SMSC[SMSC Corporation]
|
SMC91C95 |
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
|
List of Unclassifed Manufacturers
|
AM79C961A AM79C961AKC AM79C961AKCW AM79C961AVIW AM |
PCnet-ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet?ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
DZPD6710VCB SPD6722QCCE PD6710 DZPD6722VCCE |
ISA-TO-PC-CARD (PCMCIA) CONTROLLERS
|
INTEL[Intel Corporation]
|
AM79C961AKIW |
PCnetISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices, Inc.
|
HS-7650 HS-7650M HS-72501 HS-7250 |
Intel? Pentium? M/Celeron?M/ ULV Intel? Celeron? M processor PCI-ISA/ISA Bus Single Board Computer Intel垄莽 Pentium垄莽 M/Celeron垄莽M/ ULV Intel垄莽 Celeron垄莽 M processor PCI-ISA/ISA Bus Single Board Computer
|
BOSER Technology Co., Ltd
|
LTC1470 LTC1471 LTC1470CS8 LT1470 |
From old datasheet system Single and Dual PCMCIA Protected 3.3V/5V VCC Switches Single and Dual PCMCIA Protected 3.3V/5V V CC Switches
|
LINER[Linear Technology]
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
AT76C504A |
AT76C504A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single 802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
|
ATMEL[ATMEL Corporation]
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
BP-206SG-P4 BP-206SG-P2 TF-BP-206SG-P4-A11 |
Wallmount, PICMG 1.0, 6-Slot Backplane, 4 PCI, 2 ISA, Single Segment Wallmount, PICMG 1.0, 6-Slot Backplane, 2 PCI, 3 ISA, Single Segment
|
AAEON Technology
|
LT1312-15 |
Single PCMCIA VPP Driver/Regulator
|
Linear Technology
|