PART |
Description |
Maker |
AM93LC66SA |
4096-bits Serial Electrically Erasable PROM
|
Anachip
|
IS93C46-3 IS93C46-3G IS93C46-3GI IS93C46-3GR IS93C |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 1,024位串行电可擦除可编程ROM 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IS93C56-3 IS93C56-3G IS93C56-3GI IS93C56-3GR IS93C |
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
IS93C46A IS93C46A-3GI IS93C46A-3GL IS93C46A-3GLI I |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC Integrated Silicon Solution, Inc
|
IS25C02 IS25C02-2GI IS25C02-2GLI IS25C02-2PI IS25C |
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 ISSI[Integrated Silicon Solution, Inc]
|
IS25C32A-3PLA1 IS25C32A-2PLI IS25C32A-2PI IS25C32A |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 4K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 http:// INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
IS93C76A IS93C86A |
(IS93C76A / IS93C86A) 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C64A-3ZLA1 IS25C32A IS25C32A_07 IS25C32A-2GI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS93C66A |
(IS93C56A / IS93C66A) 2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C16 IS25C16-2CLI IS25C16-2GI IS25C16-2GLI IS25 |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc]
|
24LC21A_03 24LC21A 24LC21A1-_P 24LC21A1-_SN 24LC21 |
1K 2.5V Dual Mode I2C Serial EEPROM The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s ... The 24LC21A is a 128 x 8-bit dual-mode Serial Electrically Erasable PROM designed to meet the plug-and-play requirements of today’s advanced monitors. The 24LC21A represents a simple, low-cost route to meeting the stringent standards 1K 2.5V Dual Mode I 2 C Serial EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ER1400 |
1400-Bit Serial Electrically Alterable ROM
|
General Semiconductor
|