PART |
Description |
Maker |
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
HUFA75823D3S HUFA75823D3 HUFA75823D3ST |
14A, 150V, 0.150 Ohm, N-Channel, UltraFETPower MOSFET 14A 150V 0.150 Ohm N-Channel UltraFET Power MOSFET 14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
RFD14N05L RFP14N05L RFD14N05LSM FN2246 |
14A/ 50V/ 0.100 Ohm/ Logic Level/ N-Channel Power MOSFETs 14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
EN6446 |
P-Channel Power MOSFET, -50V, -0.14A, 23 Ohm, Dual MCPH6
|
ON Semiconductor
|
ITF86130SK8T |
14A/ 30V/ 0.0078 Ohm/ N-Channel/ Logic Level/ Power MOSFET 14A, 30V, 0.0078 Ohm, N-Channel, Logic Level, Power MOSFET
|
INTERSIL[Intersil Corporation]
|
RFP14N05 RFD14N05SM RFD14N05 FN2268 |
14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs From old datasheet system
|
Intersil
|
FAP-450 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 500V五(巴西)直|4A条(丁)|47VAR N-channel MOS-FET(500V, 0,38Ω, 14A, 190W) N-channel MOS-FET(500V, 0,38楼?, 14A, 190W)
|
TOKO, Inc. Fuji Electric
|
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
APT5032CVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. 电源MOS V是一个高电压N新一代通道增强型功率MOSFET POWER MOS V 500V 14A 0.320 Ohm
|
Advanced Power Technology, Ltd. ADPOW[Advanced Power Technology]
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|