PART |
Description |
Maker |
325-5M-15 305-5M-15 1595-5M-15 575-5M-15 480-8M-20 |
RIEMEN SYNCHRON HTD L 325MM B 15MM RIEMEN SYNCHRON HTD L 305MM B 15MM RIEMEN SYNCHRON HTD L 575MM B 15MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits RIEMEN SYNCHRON HTD L 480MM B 30MM RIEMEN SYNCHRON HTD L 560MM B 200MM RIEMEN SYNCHRON HTD L 600MM B 200MM Dual/Triple-Voltage µP Supervisory Circuits RIEMEN SYNCHRON HTD L 640MM B 200MM Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout RIEMEN SYNCHRON HTD L 720MM B 30MM 3-1/2 Digit A/D, BCD, -40C to 85C, 24-PDIP 600mil, TUBE RIEMEN SYNCHRON HTD L 880MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 200MM RIEMEN SYNCHRON HTD L 450MM B 15MM 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1.2A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE RIEMEN SYNCHRON HTD L 1100MM B 15MM RIEMEN SYNCHRON HTD L 980MM B 15MM RIEMEN SYNCHRON HTD L 1800MM B 15MM RIEMEN SYNCHRON HTD L 1120MM B 30MM RIEMEN SYNCHRON HTD L 1120MM B 200MM RIEMEN SYNCHRON HTD L 1200MM B 200MM RIEMEN SYNCHRON HTD L 1260MM B 200MM RIEMEN SYNCHRON HTD L 1600MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 30MM RIEMEN SYNCHRON HTD L 1420MM B 15MM RIEMEN SYNCHRON HTD L 1600MM B 30MM RIEMEN SYNCHRON HTD L 1270MM B 15MM RIEMEN SYNCHRON HTD L 1200MM B 30MM RIEMEN SYNCHRON HTD L 890MM B 15MM 里门的SYNCHRON HTD890MM15毫米 RIEMEN SYNCHRON HTD L 1595MM B 15MM 里门的SYNCHRON HTD595MM5毫米 RIEMEN SYNCHRON HTD L 560MM B 30MM 里门的SYNCHRON HTD560MM0毫米 RIEMEN SYNCHRON HTD L 880MM B 30MM 里门的SYNCHRON HTD80┨乙30毫米
|
TE Connectivity, Ltd. Amphenol, Corp. Rubycon, Corp.
|
HY57V281620ALT-6 HY57V281620ALT-7 HY57V281620ALT-8 |
128Mbit (4 banks x 2M x 16bits) synchronous DRAM, LVTTL, 143MHz 128Mbit (4 banks x 2M x 16bits) synchronous DRAM, LVTTL, 125MHz 128Mbit (4 banks x 2M x 16bits) synchronous DRAM, LVTTL, 166MHz 128Mbit (4 banks x 2M x 16bits) synchronous DRAM, LVTTL, 133MHz 128Mbit (4 banks x 2M x 16bits) synchronous DRAM, LVTTL, 100MHz 4 BANKS X 2M X 16BITS SYNCHRONOUS DRAM
|
HYNIX[Hynix Semiconductor]
|
MT47H32M16HR-25E MT47H64M8CF-25EG |
DDR2 SDRAM MT47H128M4 ?32 Meg x 4 x 4 banks MT47H64M8 ?16 Meg x 8 x 4 banks MT47H32M16 ?8 Meg x 16 x 4 banks
|
Micron Technology
|
MT48LC16M16A2P-75DTR |
SDR SDRAM MT48LC64M4A2 ?16 Meg x 4 x 4 banks MT48LC32M8A2 ?8 Meg x 8 x 4 banks MT48LC16M16A2 ?4 Meg x 16 x 4 banks
|
Micron Technology
|
MT41J256M8 MT41J128M16 MT41J128M16HA-15EDTR MT41J1 |
DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks 2Gb: x4, x8, x16 DDR3 SDRAM Features DDR3 SDRAM MT41J512M4 ?64 Meg x 4 x 8 Banks MT41J256M8 ?32 Meg x 8 x 8 Banks MT41J128M16 ?16 Meg x 16 x 8 Banks
|
Micron Technology
|
W9864G6IH W9864G6IH-5 W9864G6IH-6 W9864G6IH-7 W986 |
1M 】 4BANKS 】 16BITS SDRAM
|
Winbond
|
HY5W6B6DLF-HE HY5W6B6DLF-PE HY5W6B6DLFP-HE HY5W6B6 |
4Banks x1M x 16bits Synchronous DRAM
|
Hynix Semiconductor
|
IS42VM16320D |
8M x 16Bits x 4Banks Mobile Synchronous DRAM
|
Integrated Silicon Solu...
|
SN8P04XX |
OPT ROM:4096 16bits / RAM:128 8bits
|
SONiX Technology Company
|
MS6334GU |
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
|
MOSA ELECTRONICS
|
K4S640832E-TC1H K4S640832E-TC1L K4S640832E-TC75 K4 |
64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL 2M x 8Bit x 4 Banks Synchronous DRAM Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|