PART |
Description |
Maker |
DAC8800 DAC8800BR DAC8800FP DAC8800FR DAC8800FS DA |
Octal 8-Bit CMOS D/A Converter Octal 8-Bit D/A Converter
|
AD[Analog Devices]
|
74AC273TTR 74AC273 74AC273B 74AC273M 74AC273MTR |
CMOS, 12 Bit Multiplying D/A Converter OCTAL D-TYPE FLIP FLOP WITH CLEAR
|
STMICROELECTRONICS[STMicroelectronics]
|
AM27C020 AM27C020-120 AM27C020-120DC5 AM27C020-120 |
2 Megabit (256 K x 8-Bit) CMOS EPROM Octal bus transceivers 20-SSOP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 2兆位56亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 256K X 8 UVPROM, 55 ns, CDIP32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 2兆位56亩8位)的CMOS存储 Octal bus transceivers 20-SOIC 0 to 70 256K X 8 OTPROM, 55 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位256亩8位)的CMOS存储 BCD-To-Seven-Segment Decoders/Drivers 16-SOIC 0 to 70 2兆位256亩8位)的CMOS存储 2 Megabit (256 K x 8-Bit) CMOS EPROM 2兆位56亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SSOP 0 to 70 RES 1.5K-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 megabit CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD [Advanced Micro Devices] AMD[Advanced Micro Devices]
|
CA3318CE CA3318 CA3318CM CA3318CD FN3103 |
From old datasheet system CMOS Video Speed, 8-Bit, Flash A/D Converter CMOS Video Speed/ 8-Bit/ Flash A/D Converter M16C/Tiny Series, 28 Group, 1-ch IEBus, 3-phase PWM, 1-ch 16-bit IC/OC 85F0G; Vcc= 2.7 to 5.5 volts, Temp= -40 to 85 C; Package: PTLG0085JB-A
|
INTERSIL[Intersil Corporation]
|
AM27C010 AM27C010-120 AM27C010-120DC5 AM27C010-120 |
1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位128亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PQCC32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位28亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal buffers and line drivers 20-PDIP 0 to 70 Quad bus transceivers 14-SOIC 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 Octal buffers and line drivers 20-SO 0 to 70 1 megabit CMOS EPROM 1 Megabit (128 K x 8-Bit) CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
PM7524FS |
CMOS 8-Bit Buffered Multiplying D/A Converter 8-Bit Digital-to-Analog Converter 8位数字到模拟转换
|
Analog Devices
|
HI5810 HI5810JIB HI5810JIJ HI5810JIP HI5810KIB HI5 |
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 CMOS 10 Microsecond, 12-Bit, Sampling
A/D Converter with Internal Track and Hold(CMOS 12位片内带跟踪和保持电路的ADC) From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HI5767_6IBZ HI5767_05 HI5767 HI5767_2CA HI5767_2CA |
10-Bit, 20/40/60 MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO28 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SPT5420SIM |
13-BIT, OCTAL D/A CONVERTER
|
Cadeka Microcircuits LLC.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
HI5812 HI5812JIB HI5812JIJ HI5812JIP HI5812KIB HI5 |
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS 20 Microsecond 12-Bit Sampling A/D Converter with Internal Track and Hold From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|