PART |
Description |
Maker |
IDT72510 IDT72510L25J IDT72510L35J IDT72510L50J ID |
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
|
IDT[Integrated Device Technology]
|
TMP90PM36 |
A System Evaluation LSI With 8-Bit CPU,One-Time PROM(32968 x 8-Bit),RAM(1024 x 8-Bit)(系统评估大规模集成电路(集成8位CPU,一次可编程ROM(32968 x 8,RAM(1024 x 8)
|
Toshiba Corporation
|
LC87F5164A |
8-Bit Single Chip Microcontroller with 64KB(65535 ×8 bits) FEPROM and 1024 Byte(1024 ×8 bits) RAM On Chip(8位单片微控制器(带片4K5535 ×8 bit)字节闪速EPROM024
|
Sanyo Electric Co.,Ltd.
|
LRI1K |
1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
|
STMicroelectronics
|
PCF8594C-2 PCF8594C-2P PCF8594C-2T PCF8598C-2 PCF8 |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 ? 8-bit CMOS EEPROMs with I2C-bus interface
|
PHILIPS[Philips Semiconductors] Integrated Circuit Systems
|
PCF8582C-2T PCF8598C-2P PCF8598C-2T PCF8582C-2P PC |
256 to 1024 x 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 8-bit CMOS EEPROMs with I2C-bus interface 1024 8-bit CMOS EEPROM with I2C-bus interface IC-SM-2K CMOS EEPROM PCF85xxC-2 family 256 to 1024 8-bit CMOS EEPROMs with I2C-bus interface PCF85xxC-2 family 256 to 1024 ′ 8-bit CMOS EEPROMs with I2C-bus interface
|
Philips Semiconductors NXP Semiconductors Integrated Circuit Systems
|
LF48410JC30 |
1024 x 24-bit Video Histogrammer
|
LOGIC Devices Incorpora...
|
MSM16811 |
1024-Bit Serial EPROM
|
OKI Semiconductor
|
DS2431 DS2431P DS2431X DS2431_TR DS2431P_TR DS2431 |
1024-Bit 1-Wire EEPROM
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor]
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
AM27S281 AM27S281A AM27S181 AM27S181A |
8/192-BIT (1024 X 8) BIPOLAR PROM 8,192-BIT (1024 X 8) BIPOLAR PROM
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|